Part Number Hot Search : 
M7248 EL827 CT520 S5L1462B MXTK92T D78064 102K63 PD1600
Product Description
Full Text Search
 

To Download ELS-321SYGWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.3" Single Digit Displays
ELS-321SYGWA/S530-E2
Features : Industrial standard size. Low power consumption. Categorized for luminous intensity. Pb free The product itself will remain within RoHS compliant version Descriptions : The ELS-321 series is a large 7.62 mm (0.3")high seven segment display designed for viewing distances up to 7 meters. These displays provide excellent reliability in bright ambient light. These devices are made with white segments and gray surface. Applications : Audio equipment Instrument panels Digital read out display
Chip PART NO. Material ELS-321SYGWA/S530-E2 AlGaInP Emitted Color Brilliant Yellow Green BG0611009 EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-321-015 http : //www.everlight.com Prepared date:2007/2/23 50016707
Rev. : 1 Page: 1 of 6 Prepared by: YanLi Zhong
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.3" Single Digit Displays
ELS-321SYGWA/S530-E2
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted. 2.Above specification may be changed without notice. Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-321-015
http : //www.everlight.com Prepared date:2007/2/23
Rev. : 1 Page: 2 of 6 Prepared by: YanLi Zhong
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.3" Single Digit Displays
ELS-321SYGWA/S530-E2
Absolute maximum ratings at Ta = 25 Parameter Reverse Voltage Forward Current Operating Temperature Storage Temperature Soldering Temperature * Electrostatic Discharge Power Dissipation Note: *Soldering time 5 seconds. Electronic optical characteristics : Parameter Symbol Min. ---Per segment Luminous Intensity Per decimal point 0.6 Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current p d VF IR ----------------1.5 575 573 20 2.0 ---------------2.4 100 mcd nm nm nm V A IF=10mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V 2.8 Iv ---0.4 ---mcd IF=2mA 6.4 ---mcd IF=10mA Typ. 1.2 Max. ---Unit mcd Condition IF=2mA Symbol VR IF Topr Tstg Tsol ESD Pd Rating 5 25 -40 to +85 -40 to +100 260 5 2000 60 Unit V mA V mW
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com Device Number :CDDS-321-015 Prepared date:2007/2/23
Rev. : 1 Page: 3 of 6 Prepared by: YanLi Zhong
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.3" Single Digit Displays
ELS-321SYGWA/S530-E2
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. http : //www.everlight.com Device Number :CDDS-321-015 Prepared date:2007/2/23
Rev. : 1 Page: 4 of 6 Prepared by: YanLi Zhong
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.3" Single Digit Displays
ELS-321SYGWA/S530-E2
Reliability test items and conditions: The reliability of products shall be satisfied with items listed below. Confidence level97% LTPD3% NO Item Test Conditions Test Hours/Cycle 5 SEC Sample Size Failure Judgment Criteria Ac/Re
1
Solder Heat
TEMP : 260 5 H : +85 30min 5 min L : -55 30min H : +100 5min 10 sec L : -10 5min TEMP : 100
76 PCS
0/1
2
Temperature Cycle
50 CYCLE
76 PCS
0/1
3
Thermal Shock
50 CYCLE
76 PCS
4
High Temperature Storage
1000 HRS
76 PCS
IvIvt*0.5 or VfU or VfL
0/1
0/1
5
Low Temperature Storage
TEMP : -55
1000 HRS
76 PCS
0/1
6
DC Operating Life High Temperature / High Humidity
IF = 10 mA
1000 HRS
76 PCS
0/1
7
85/85% RH
1000 HRS
76 PCS
0/1
Note IvtThe test Iv value of the chip before the reliablility test IvThe test value of the chip that has completed the reliablility test UUpper Specification Limit L Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-321-015
http : //www.everlight.com Prepared date:2007/2/23
Rev. : 1 Page: 5 of 6 Prepared by: YanLi Zhong
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 0.3" Single Digit Displays
ELS-321SYGWA/S530-E2
Packing Quantity Specification 1. 26PCS/tube, 72 tubes/box 2. 4Boxes/Carton Label Form Specification
EVERLIGHT
CPN: P / N: ELD-286GWB S321SYGWA/S530-E2 QTY: LOT NO: MADE IN CHINA
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks
CAT: HUE: REF:
HUE: Dominant Wavelength REF: Reference LOT No: Lot Number MADE IN CHINA: Production Place
Notes : 1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please dont reproduce or cause anyone to reproduce them without EVERLIGHTsconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan Bonded Pricessing, Zone Pan Yu, Guang Zhou, China Tel: (020) 84860913 , 84860914 Fax: (020) 84860600 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :CDDS-321-015
http : //www.everlight.com Prepared date:2007/2/23
Rev. : 1 Page: 6 of 6 Prepared by: YanLi Zhong


▲Up To Search▲   

 
Price & Availability of ELS-321SYGWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X